PART |
Description |
Maker |
1697120000 |
Terminal Block; Number of Positions:2; Pitch Spacing:0.2"; Wire Size (AWG):26-12; Mounting Type:PC Board; Color:Black; Leaded Process Compatible:Yes; Number of Contacts:2; Terminal Block Clamp Type:Screw Clamp
|
WEIDMULLER
|
38760-0110 38760-0102 |
CB BTS STD 10 ASY BARRIER STRIP TERMINAL BLOCK, 2 ROWS, 1 DECK Terminal Block; Number of Positions:2; Pitch Spacing:0.375"; Wire Size (AWG):24-12; Mounting Type:Screw; Body Material:Glass-Filled Thermoplastic; Contact Plating:Zinc Chrome; Current Rating:20A; Number of Rows:2
|
Molex, Inc. MOLEX INC
|
11-141 20-141 12-141 18-141 14-141 5-141 5-141-W |
Terminal Block; Number of Positions:11; Pitch Spacing:0.438"; Wire Size (AWG):14; Color:Black; Leaded Process Compatible:No; Number of Contacts:11; Peak Reflow Compatible (260 C):No 20 A, BARRIER STRIP TERMINAL BLOCK, 2 ROWS, 1 DECK Terminal Block; Number of Positions:20; Pitch Spacing:0.438"; Wire Size (AWG):14; Color:Black; Leaded Process Compatible:No; Number of Contacts:20; Peak Reflow Compatible (260 C):No 20 A, BARRIER STRIP TERMINAL BLOCK, 2 ROWS, 1 DECK Terminal Block; Number of Positions:12; Pitch Spacing:0.438"; Wire Size (AWG):14; Color:Black; Leaded Process Compatible:No; Number of Contacts:12; Peak Reflow Compatible (260 C):No 20 A, BARRIER STRIP TERMINAL BLOCK, 2 ROWS, 1 DECK Terminal Block; Number of Positions:18; Pitch Spacing:0.375"; Wire Size (AWG):14; Color:Black; Leaded Process Compatible:No; Number of Contacts:18; Peak Reflow Compatible (260 C):No 20 A, BARRIER STRIP TERMINAL BLOCK, 2 ROWS, 1 DECK Terminal Block; Number of Positions:14; Pitch Spacing:0.438"; Wire Size (AWG):14; Color:Black; Leaded Process Compatible:No; Number of Contacts:14; Peak Reflow Compatible (260 C):No Terminal Block; Number of Positions:5; Pitch Spacing:0.438"; Wire Size (AWG):14; Color:Black; Leaded Process Compatible:No; Number of Contacts:5; Peak Reflow Compatible (260 C):No
|
Cinch Connectors
|
1728720000 |
Terminal Block; Pitch Spacing:3.5mm; Wire Size (AWG):28-16; Leaded Process Compatible:Yes; Number of Contacts:24; Number of Rows:2; Series:S2L; Operating Voltage:150V 24 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER
|
Weidmuller, Corp.
|
1016200000 |
Terminal Block; Wire Size (AWG):22-14; Mounting Type:DIN Rail; Color:Green/Yellow; Terminal Block Clamp Type:Screw Clamp 6 A, MODULAR TERMINAL BLOCK, 1 DECK
|
Weidmuller, Corp.
|
1-1776148-0 C-1776148 |
15 A, STRIP TERMINAL BLOCK, 1 ROW, 1 DECK TERMINAL BLOCK HEADER ASSEMBLY, 90 DEGREE, CLOSED ENDS, 5.00mm PITCH
|
Tyco Electronics
|
C-1546074 1-1546074-0 2-1546074-0 3-1546074-0 1-15 |
MODULAR TERMINAL BLOCK, 1 ROW, 1 DECK TERMINAL BLOCK PCB MOUNT ANGLED ENTRY WIRE, STACKING W/INTERLOCK, 5.08mm, PITCH
|
Tyco Electronics
|
67600973 |
Terminal Block; No. of Positions:16; Pitch Spacing:0.2"; Wire Size (AWG):24-14; Mounting Type:PC Board; Leaded Process Compatible:Yes RoHS Compliant: Yes 16 A, MODULAR TERMINAL BLOCK, 1 ROW, 1 DECK
|
Weidmuller, Corp.
|
1728307 |
PC terminal block, Nominal current: 10 A, Nom. voltage: 160 V, Pitch: 3.81 mm, Number of positions: 4, Type of connection: Screw connection, Assembly: Soldering, Conductor/PCB connection
|
PHOENIX CONTACT
|
25.700.0153.0 |
Terminal Block; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes RoHS Compliant: Yes 30 A, MODULAR TERMINAL BLOCK, 1 ROW, 1 DECK
|
Wieland Electric, Inc.
|
|